PART |
Description |
Maker |
LT3970EMS-3.3-PBF LT3970EMS-3.3-TRPBF LT3970EMS-5- |
40V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead Plastic MSOP, Temp E –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10 40V, 350mA Step-Down Regulator with 2.5µA Quiescent Current and Integrated Diodes, 10-Lead (3mm × 2mm) Plastic DFN, Temp I –40°C to 125°C 0.865 A SWITCHING REGULATOR, 2640 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MIC2297 MIC2297-15YML MIC2297-42YML |
40V PWM Boost Regulator White LED Driver 3 A SWITCHING REGULATOR, 675 kHz SWITCHING FREQ-MAX, PDSO10 From old datasheet system
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
LT3991 LT3481 LT3682 LT1976 LT1977 LT3971 |
40V, 350mA Step-Down Regulator with 2.5μA
|
Linear Technology
|
G2542 |
6-Channels 40V White LED Driver with Boost Regulator
|
Global Mixed-mode Techn...
|
PJ317 PJ317CW PJ317CM PJ317CP PJ317CS PJ317CT PJ31 |
40V; 0.1A; 3-terminal adjustable output positive voltage regulator 40V; 0.3A; 3-terminal adjustable output positive voltage regulator 40V; 1.5A; 3-terminal adjustable output positive voltage regulator 40V; 1A; 3-terminal adjustable output positive voltage regulator
|
PROMAX-JOHNTON ETC List of Unclassifed Manufacturers
|
LT3970 LT3980 LT3971 LT3990 LT3480 LT3976 LT3991 |
40V, 5A, 2MHz Step-Down Switching Regulator with 3.3μA Quiescent Current
|
Linear Technology
|
LT3667 |
40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
|
Linear Technology
|
CDBUR40 |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=200mA
|
Comchip Technology
|
CDBB140SL-HF |
Halogen Free Low VF Schottky Barrier, V-RRM=40V, V-R=40V, I-O=1A
|
Comchip Technology
|
CDBKM140 |
Schottky Barrier Rectifiers Diodes, V-RRM=40V, V-R=40V, I-O=1A
|
Comchip Technology
|
FDD4243 |
40V P-Channel PowerTrench MOSFET -40V, -14A, 44mohm
|
Fairchild Semiconductor Corporation
|
ISL78201AVEZ ISL78201EVAL1Z |
40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
|
Intersil Corporation
|